PART |
Description |
Maker |
M45PE20 M45PE20-VMN6 M45PE20-VMN6G M45PE20-VMN6P M |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 From old datasheet system 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
M25PE80 |
8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
|
http://
|
M45PE10-VMN6P M45PE10-VMN6TP M45PE10-VMP6TG |
1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
ST Microelectronics
|
M45PE80 M45PE80-VMN6G M45PE80-VMN6P M45PE80-VMN6TG |
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
|
Numonyx B.V
|
M45PE80-VMP6G M45PE80-VMP6TG M45PE80-VMP6TP M45PE8 |
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
|
Numonyx B.V
|
M25PE80 M25PE80-VMP6G M25PE80-VMP6P M25PE80-VMP6TG |
8 MBIT, LOW-VOLTAGE, PAGE-ERASABLE SERIAL FLASH MEMORY WITH BYTE ALTERABILITY, 50MHZ SPI BUS, STANDARD PINOUT
|
STMICROELECTRONICS[STMicroelectronics]
|
M25PE80-VMW6G |
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
|
STMicroelectronics http://
|
M25PE16-VMW6TG M25PE16-VMW6TP M25PE16-VMW6G M25PE1 |
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
M25PE16 |
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
24C04A |
The 24C04A is a 4K bit Serial Electrically Erasable PROM. The 24C04A features an I2C compatible 2-wire serial interface bus and hardware write protection for the upper half of the block. The 24C04A has a page write capabil
|
Microchip
|
SST29EE020-120-4C-WH SST29LE020-250-4C-U2 SST29VE0 |
7.3728MHZ CRYSTAL -40/85''C FLUKE-741B 120 REFURBISHED BY NEWARK KJA 79C 79#22 PIN RECP 128Kx8 EEPROM PSoC® Mixed-Signal Array 2 Mbit (256K x8) Page-Mode EEPROM 2兆位256K × 8)页模式的EEPROM 2 Mbit (256K x8) Page-Mode EEPROM 2兆位256K × 8)页模式EEPROM DSUB 13X3 F PCR/A G 50OHM T 2兆位56K × 8)页模式的EEPROM IC SMD AN2135SC CONTROLLER USB 256K X 8 EEPROM 5V, 120 ns, PDSO32 2 Mbit (256K x8) Page-Mode EEPROM 2兆位56K × 8)页模式的EEPROM 2 Mbit (256K x8) Page-Mode EEPROM 2兆位56K × 8)页模式EEPROM
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|